전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMA1251 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc

부품명 MMA1251
상세설명  Low-g Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1251 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA1251 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MMA1251
Sensors
9
Freescale Semiconductor, Inc.
Revision History
Revision
number
Revision
date
Description of changes
0
10/2011
• Initial Release
1
01/2012
• Removed KEG suffix from Device Number
• In Table 2. Operating Characteristics; Updated min, typ, max values for Output Signal -1g to 0.4
VDD, 0.5 VDD, 0.6 VDD, respectively. Updated min, typ, max values for Output Signal Sensitivity
74.0, 80.0, 86.0 mV/g, respectively. Updated min, typ, max values for Self-test Output Response
0.2, 0.25, 0.3 V/V, respectively. Changed Note 4.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com