전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM8690 데이터시트(PDF) 13 Page - Analog Devices

부품명 ADM8690
상세설명  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM8690 데이터시트(HTML) 13 Page - Analog Devices

Back Button ADM8690 Datasheet HTML 8Page - Analog Devices ADM8690 Datasheet HTML 9Page - Analog Devices ADM8690 Datasheet HTML 10Page - Analog Devices ADM8690 Datasheet HTML 11Page - Analog Devices ADM8690 Datasheet HTML 12Page - Analog Devices ADM8690 Datasheet HTML 13Page - Analog Devices ADM8690 Datasheet HTML 14Page - Analog Devices ADM8690 Datasheet HTML 15Page - Analog Devices ADM8690 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM8690–ADM8695
REV. 0
–13–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic DIP
(N-8)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.150
(3.81)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
16-Lead Plastic DIP
(N-16)
16
18
9
0.840 (21.33)
0.745 (18.93)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
0.150
(3.81)
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.200 (5.05)
0.125 (3.18)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16