| 전자부품 데이터시트 검색엔진 |
|
ADV601LC 데이터시트(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV601LC 데이터시트(HTML) 29 Page - Analog Devices |
|
29 / 44 page ![]() ADV601LC –29– REV. 0 ADR1 ADR2 DATA0–7 DATA8-15 ADR0 CLKIN FLIN2 FLIN0 ADR0 ADR1 DQ0–DQ7 DQ8–DQ15 DQ16–DQ23 DQ24–DQ31 STATS_R LCODE A0–A8 D0–D15 A0–A8 DQ1–DQ16 THE ADSP-21csp01 INTERNAL CLOCK RATE DOUBLE THE INPUT CLOCK *THE INPUT CLOCK RATE = 1/2 OF THE INTERNAL CLOCK RATE, RANGING FROM 12 TO 21MHz ADV601LC ADSP-21csp01 DRAM (256K 16-BIT) VCLKO* TOSHIBA TC514265DJ/DZ/DFT-60 NEC PD424210ALE-60 NEC PD42S4210ALE-60 HITACHI HM514265CJ-60 ANY DRAM USED WITH THE ADV601LC MUST MEET THE MINIMUM SPECIFICATIONS OUTLINED FOR THE HYPER MODE DRAMS LISTED FIFO_SRQ FIFO_STP FIFO_ERR IRQ0 FLIN1 IOMS RD WR BE2–BE3 CS RD WR HIRQ ACK RAS CAS WE RAS CAS OE WEL WEH IOACK VCLK VDATA [0–7] LLC XTAL SAA7111 COMPOSITE VIDEO INPUT Y[0–7] BE0–BE1 27MHz PAL OR NTSC 24.576MHz XTAL Figure 14. Alternate Standalone Application Design Using the ADV601LC In Standalone Applications Figure 14 shows the ADV601LC in a noncomputer based appli- cations. Here, an ADSP-21csp01 digital signal processor pro- vides Host control and BW calculation services. Note that all control and BW operations occur over the host interface in this design. Connecting the ADV601LC to Popular Video Decoders and Encoders The following circuits are recommendations only. Analog Devices has not actually built or tested these circuits. Using the Philips SAA7111 Video Decoder The SAA7111 example circuit, which appears in Figure 15, is used in this configuration on the ADV601LC Video Lab dem- onstration board. XTAL (CCIR-656 MODE) SAA7111 Y(0:7) LLC XTAL VCLK VDATA (0:7) ADV601LC Figure 15. ADV601LC and SAA7111 Example Interfac- ing Block Diagram Using the Analog Devices ADV7175 Video Encoder Because the ADV7175 has a CCIR-656 interface, it connects directly with the ADV601LC without “glue” logic. Note that the ADV7175 can only be used at CCIR-601 sampling rates. The ADV7175 example circuit, which appears in Figure 16, is used in this configuration on the ADV601LC Video Lab dem- onstration board. (MODE 0 & SLAVE MODE) (CCIR-656 MODE) XTAL 10k 150 VCLK XTAL ADV601LC VCLKO CLOCK P7–P0 ADV7175 BLANK ALSB VDATA (7:0) Figure 16. ADV601LC and ADV7175 Example Interfac- ing Block Diagram Using the Raytheon TMC22173 Video Decoder Raytheon has a whole family of video parts. Any member of the family can be used. The user must select the part needed based on the requirements of the application. Because the Raytheon part does not include the A/Ds, an external A/D is necessary in this design (or a pair of A/Ds for S video). The part can be used in CCIR-656 (D1) mode for a zero con- trol signal interface. Special attention must be paid to the video output modes in order to get the right data to the right pins (see the following diagram). Note that the circuit in Figure 17 has not been built or tested. MODE SET TO: CDEC = 1 YUVT = 1 F422 = X TMC22153 Y(2:9) CLOCK XTAL VCLK VCLK VDATA (0:7) ADV601LC (CCIR656 & SLAVE MODE) Figure 17. ADV601LC and TMC22153 Example CCIR-656 Mode Interface |