| 전자부품 데이터시트 검색엔진 |
|
DAC8143FP 데이터시트(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8143FP 데이터시트(HTML) 6 Page - Analog Devices |
|
6 / 12 page ![]() DAC8143 –6– REV. C DEFINITION OF SPECIFICATIONS RESOLUTION The resolution of a DAC is the number of states (2 n) into which the full-scale range (FSR) is divided (or resolved), where “n” is equal to the number of bits. SETTLING TIME Time required for the analog output of the DAC to settle to within 1/2 LSB of its final value for a given digital input stimu- lus; i.e., zero to full-scale. GAIN Ratio of the DAC’s external operational amplifier output voltage to the VREF input voltage when all digital inputs are HIGH. FEEDTHROUGH ERROR Error caused by capacitive coupling from VREF to output. Feedthrough error limits are specified with all switches off. OUTPUT CAPACITANCE Capacitance from IOUT1 to ground. OUTPUT LEAKAGE CURRENT Current appearing at IOUT1 when all digital inputs are LOW, or at IOUT2 terminal when all inputs are HIGH. GENERAL CIRCUIT INFORMATION The DAC8143 is a 12-bit serial-input, buffered serial-output, multiplying CMOS D/A converter. It has an R-2R resistor lad- der network, a 12-bit input shift register, 12-bit DAC register, control logic circuitry, and a buffered digital output stage. The control logic forms an interface in which serial data is loaded, under microprocessor control, into the input shift regis- ter and then transferred, in parallel, to the DAC register. In addition, buffered serial output data is present at the SRO pin when input data is loaded into the input register. This buffered data follows the digital input data (SRI) by 12 clock cycles and is available for daisy-chaining additional DACs. An asynchronous CLEAR function allows resetting the DAC register to a zero code (0000 0000 0000) without altering data stored in the registers. A simplified circuit of the DAC8143 is shown in Figure 10. An inversed R-2R ladder network consisting of silicon-chrome, thin-film resistors, and twelve pairs of NMOS current-steering switches. These switches steer binarily weighted currents into either IOUT1 or IOUT2. Switching current to IOUT1 or IOUT2 yields a constant current in each ladder leg, regardless of digital input code. This constant current results in a constant input resis- tance at VREF equal to R (typically 11 k Ω). The V REF input may be driven by any reference voltage or current, ac or dc, that is within the limits stated in the Absolute Maximum Ratings chart. The twelve output current-steering switches are in series with the R-2R resistor ladder, and therefore, can introduce bit errors. It was essential to design these switches such that the switch “ON” resistance be binarily scaled so that the voltage drop across each switch remains constant. If, for example, Switch 1 of Figure 10 was designed with an “ON” resistance of 10 Ω, Switch 2 for 20 Ω, etc., a constant 5 mV drop would then be maintained across each switch. To further ensure accuracy across the full temperature range, permanently “ON” MOS switches were included in series with the feedback resistor and the R-2R ladder’s terminating resistor. The Simplified DAC Circuit, Figure 10, shows the location of these switches. These series switches are equivalently scaled to two times Switch 1 (MSB) and top Switch 12 (LSB) to main- tain constant relative voltage drops with varying temperature. During any testing of the resistor ladder or RFEEDBACK (such as incoming inspection), VDD must be present to turn “ON” these series switches. VREF RFEEDBACK IOUT2 IOUT1 10k 10k 10k 20k 20k 20k 20k 20k S1 S2 S3 S12 10k BIT 1 (MSB) BIT 12 (LSB) BIT 3 BIT 2 DIGITAL INPUTS (SWITCHES SHOWN FOR DIGITAL INPUTS "HIGH") * * *THESE SWITCHES PERMANENTLY "ON" Figure 10. Simplified DAC Circuit |