| 전자부품 데이터시트 검색엔진 |
|
DAC8143FP 데이터시트(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8143FP 데이터시트(HTML) 9 Page - Analog Devices |
|
9 / 12 page ![]() DAC8143 –9– REV. C Table I. Truth Table DAC8143 Logic Inputs Input Register/ Digital Output Control Inputs DAC Register Control Inputs STB4 STB 3 STB2 STB1 CLR LD 2 LD 1 DAC8143 Operation Notes 01 0 g XX X 01 g 0 X X X Serial Data Bit Loaded from SRI 0 f 0 0 X X X into Input Register and Digital Output 2, 3 g 1 0 0 X X X (SRO Pin) after 12 Clocked Bits. 1X X X X 0 X X No Operation (Input Register and SRO) 3 XX 1 X XX X 1 Reset DAC Register to Zero Code 0 X X (Code: 0000 0000 0000) 1, 3 (Asynchronous Operation) 1 1 X No Operation (DAC Register and SRO) 3 1X 1 1 0 0 Load DAC Register with the Contents 3 of Input Register NOTES 1 CLR = 0 asynchronously resets DAC Register to 0000 0000 0000, but has no effect on Input Register. 2Serial data is loaded into Input Register MSB first, on edges shown. g is positive edge, f is negative edge. 30 = Logic LOW, 1 = Logic HIGH, X = Don’t Care. APPLICATIONS INFORMATION UNIPOLAR OPERATION (2-QUADRANT) The circuit shown in Figures 16 and 17 may be used with an ac or dc reference voltage. The circuit’s output will range between 0 V and +10(4095/4096) V depending upon the digital input code. The relationship between the digital input and the analog output is shown in Table II. The VREF voltage range is the maxi- mum input voltage range of the op amp or ±25 V, whichever is lowest. Table II. Unipolar Code Table Digital Input Nominal Analog Output (VOUT as Shown MSB LSB in Figures 16 and 17) 1 1 1 1 1 1 1 1 1 1 1 1 –VREF 4095 4096 1 0 0 0 0 0 0 0 0 0 0 1 –VREF 2049 4096 1 0 0 0 0 0 0 0 0 0 0 0 –VREF 2048 4096 = – VREF 2 0 1 1 1 1 1 1 1 1 1 1 1 –VREF 2047 4096 0 0 0 0 0 0 0 0 0 0 0 1 –VREF 1 4096 0 0 0 0 0 0 0 0 0 0 0 0 –VREF 0 4096 = 0 NOTES 1Nominal full scale for the circuits of Figures 16 and 17 is given by FS = –VREF 4095 4096 . 2Nominal LSB magnitude for the circuits of Figures 16 and 17 is given by LSB = VREF 1 4096 or VREF(2 –n). OP-77 +5V VREF VDD RFEEDBACK IOUT1 IOUT2 AGND DGND SRO (BUFFERED DIGITAL DATA OUT) 15pF +15V –15V VOUT 7 6 4 3 2 15 14 13 4, 5 8–11 7 1 2 3 6 12 DAC8143 CONTROL INPUTS SRI (SERIAL DATA IN) VREF –10V CLR Figure 16. Unipolar Operation with High Accuracy Op Amp (2-Quadrant) OP-42 +5V VREF VDD RFEEDBACK IOUT1 IOUT2 AGND DGND SRO (BUFFERED DIGITAL DATA OUT) 15pF +15V –15V VOUT 7 6 4 3 2 15 14 13 4, 5 8–11 7 1 2 3 6 12 DAC8143 CONTROL INPUTS SRI (SERIAL DATA IN) VREF –10V R2 50 R1 100 CLR Figure 17. Unipolar Operation with Fast Op Amp and Gain Error Trimming (2-Quadrant) |