전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CT2555 데이터시트(PDF) 14 Page - Aeroflex Circuit Technology

부품명 CT2555
상세설명  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 데이터시트(HTML) 14 Page - Aeroflex Circuit Technology

Back Button CT2555 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Aeroflex Circuit Technology
14
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
CONTROLLER START
COMMAND RECEIVED
READS STACK POINTER
LOAD BLOCK STATUS WORD
INTO FIRST WORD OF
DESCRIPTOR STACK ENTRY
(SET SOM BIT IN BLOCK
STATUS WORD)
LOAD TIME TAG INTO
SECOND WORD OF
DESCRIPTOR
STACK ENTRY
ADDRESS FROM FOURTH WORD
OBTAIN DATA BLOCK
DETERMINE TYPE OF TRANSFER
READ CONTROL WORD TO
UPDATE BLOCK STATUS WORD
UPDATE TIME TAG
INCREMENT STACK
POINTER BY FOUR.
DECREMENT
MESSAGE COUNT
TRANSFERRED OK
DATA BLOCK
?
TRANSFERRED OK
STOP ON
?
ERROR SET
YES
NO
NO
YES
NO
MORE MESSAGES
?
TO SEND
YES
ISSUE BC EOM
STOP
Figure 17 – BC Sequence of Operation
TRANSFER DATA TO/FROM
1553 BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36