전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR28051 데이터시트(PDF) 67 Page - Agere Systems

부품명 TMPR28051
상세설명  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

TMPR28051 데이터시트(HTML) 67 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 63Page - Agere Systems TMPR28051 Datasheet HTML 64Page - Agere Systems TMPR28051 Datasheet HTML 65Page - Agere Systems TMPR28051 Datasheet HTML 66Page - Agere Systems TMPR28051 Datasheet HTML 67Page - Agere Systems TMPR28051 Datasheet HTML 68Page - Agere Systems TMPR28051 Datasheet HTML 69Page - Agere Systems TMPR28051 Datasheet HTML 70Page - Agere Systems TMPR28051 Datasheet HTML 71Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
53
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Table 23. Registers 0x88—0x89: Signal Override Control
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x88
—
—
The bits in register 0x88 are used to override the DS1_E1N
signal pin. These bits represent the seven VT Groups and
can be individually programmed as follows.
0x00
7
TVTG-7
If TVTG-1 . . . 7 = 1, the signal will be DS1; otherwise, the
signal will be E1.
6TVTG-6
5TVTG-5
4TVTG-4
3TVTG-3
2TVTG-2
1TVTG-1
0
TOVERRIDE
If TOVERRIDE = 1, then the type of signal in each VT
Group is determined by the 7 TVTG bits.
0x89
—
—
The bits in register 0x89 are used to override the DS1_E1N
signal pin. These bits represent the seven VT Groups and
can be individually programmed as follows.
0x00
7
RVTG-7
If RVTG-1 . . . 7 = 1, the signal will be DS1; otherwise, the
signal will be E1.
6RVTG-6
5RVTG-5
4RVTG-4
3RVTG-3
2RVTG-2
1RVTG-1
0
ROVERRIDE
If ROVERRIDE = 1, then the type of signal in each VT
Group is determined by the 7 RVTG bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90