전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F051C8T6 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STM32F051C8T6
상세설명  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051C8T6 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STM32F051C8T6 Datasheet HTML 6Page - STMicroelectronics STM32F051C8T6 Datasheet HTML 7Page - STMicroelectronics STM32F051C8T6 Datasheet HTML 8Page - STMicroelectronics STM32F051C8T6 Datasheet HTML 9Page - STMicroelectronics STM32F051C8T6 Datasheet HTML 10Page - STMicroelectronics STM32F051C8T6 Datasheet HTML 11Page - STMicroelectronics STM32F051C8T6 Datasheet HTML 12Page - STMicroelectronics STM32F051C8T6 Datasheet HTML 13Page - STMicroelectronics STM32F051C8T6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
Description
STM32F051x
10/105
Doc ID 022265 Rev 3
Table 2.
STM32F051x family device features and peripheral counts
Peripheral
STM32F051Kx
STM32F051Cx
STM32F051Rx
Flash (Kbytes)
16
32
64
16
32
64
16
32
64
SRAM (Kbytes)
4
848
48
Timers
Advanced
control
1 (16-bit)
General
purpose
5 (16-bit)
1 (32-bit)
Basic
1 (16-bit)
Comm.
interfaces
SPI [I2S](1)
1[1] (2)
1[1] (2)
2[1]
1[1] (2)
2[1]
I2C1(3)
1(3)
21(3)
2
USART
1(4)
21(4)
21(4)
2
CEC
1
12-bit synchronized
ADC
(number of channels)
1
(10 ext. + 3 int.)
1
(16 ext. + 3 int.)
GPIOs
25 (on LQFP32)
27 (on UFQFPN32)
39
55
Capacitive sensing
channels
13 (on LQFP32)
14 (on UFQFPN32)
17
18
12-bit DAC
(number of channels)
1
(1)
Analog comparator
2
Max. CPU frequency
48 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature: -40 °C to 85 °C / -40 °C to 105 °C
Junction temperature: -40 °C to 125 °C
Packages
LQFP32
UFQFPN32
LQFP48
LQFP64
1.
The SPI1 interface can be used either in SPI mode or in I2S audio mode.
2.
SPI2 is not present
3.
I2C2 is not present
4.
USART2 is not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com