전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSM330DLC 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 LSM330DLC
상세설명  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 58Page - STMicroelectronics LSM330DLC Datasheet HTML 59Page - STMicroelectronics LSM330DLC Datasheet HTML 60Page - STMicroelectronics LSM330DLC Datasheet HTML 61Page - STMicroelectronics LSM330DLC Datasheet HTML 62Page - STMicroelectronics LSM330DLC Datasheet HTML 63Page - STMicroelectronics LSM330DLC Datasheet HTML 64Page - STMicroelectronics LSM330DLC Datasheet HTML 65Page - STMicroelectronics LSM330DLC Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Package information
LSM330DLC
64/66
Doc ID 022162 Rev 2
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 23.
LGA-28 (4x5x1.1 mm): mechanical data and package dimensions
Dimensions
Ref.
mm
Min.
Typ.
Max.
A1
1.1
A2
0.855
A3
0.200
D1
3.850
4.000
4.150
E1
4.850
5.000
5.150
L1
3.75
L2
2.75
N1
0.500
M0.075
P1
2.200
P2
1.700
T1
0.265
0.325
0.385
T2
0.19
0.250
0.310
d0.200
k0.050
h0.100
LGA-28 (4x5x1.1mm)
Land Grid Array Package
Outline and
8181393A
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66