전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP3706 데이터시트(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

부품명 AP3706
상세설명  PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3706 데이터시트(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3706_09 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706
Data Sheet
4
BCD Semiconductor Manufacturing Limited
Mar. 2009 Rev. 1. 4
Parameter
Value
Unit
Supply Voltage VCC
-0.3 to 30
V
Voltage at CS, BIAS, OUT, VDD, COMP to GND
-0.3 to 7
V
FB input (Pin 5)
-40 to 10
V
Output Current at OUT
Internally limited
A
Power Dissipation at TA=25
oC
0.657
W
Operating Junction Temperature
150
oC
Storage Temperature
-65 to 150
oC
Lead Temperature (Soldering, 10s)
300
oC
Thermal Resistance Junction-to-Ambient
SOIC-8
190
oC/W
DIP-8
100
ESD (Machine Model)
200
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
SOIC-8
-40 to 85oC
AP3706M-E1
AP3706M-G1
3706M-E1
3706M-G1
Tube
AP3706MTR-E1
AP3706MTR-G1
3706M-E1
3706M-G1
Tape & Reel
DIP-8
AP3706P-E1
AP3706P-G1
AP3706P-E1
AP3706P-G1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
Ordering Information
Circuit Type
E1: Lead Free
AP3706
-
TR: Tape and Reel
Blank: Tube
Package
M: SOIC-8
G1: Green
P: DIP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com