전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP3706 데이터시트(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

부품명 AP3706
상세설명  PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3706 데이터시트(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3706_09 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3706_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706
Data Sheet
3
BCD Semiconductor Manufacturing Limited
Mar. 2009 Rev. 1. 4
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3706
VCC
OUT
GND
VDD
BIAS
FB
COMP
CS
Regulator
&
Bias
OVP
&
OCkP
Tonsec
Detector
S&H
0.1V
4.0V
pfm
Tons
UVLO
Vea
COMP
COMP
EA
Tons
V+
pfm_d
UVLO
pro
CV_ctrl
COMP
COMP
LEB Delay
430ns
pfm_d
pfm
pfm
Driver
RQ
S
RQ
S
V
DD
I
Tons
0.5V
0.46V
0.75*I
3.75V
CC_ctrl
Vea
V+
t
COMP
2
6
7
3
4
8
1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com