전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8404DTF 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN8404DTF
상세설명  2 Phase Half Wave BLDC Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8404DTF 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN8404DTF Datasheet HTML 3Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 4Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 5Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 6Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 7Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 8Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 9Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 10Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FAN8404D
7
3. Hall Amplifier Input Block
The hall current (IH) is determined by R1, R2 and R3.
Where, the R2 is the impedance of hall sensor.
An external capacitor, C1, can be used to reduce a power supply noise. In addition, C2 is to remove a noise which is caused in
case the line is long from the hall sensor output to the hall input (pin 5 / 6) of the device.
The input bias voltage of hall amplifier is between 1V and VCC-2V as following figure.
It is recommended that R1 and R3 should have the same value to make the output signal of hall sensor centered as VCC/2.
FAN8404D
IN-
IN+
6
5
V
CC
Hall
Sensor
C2
C1
R1
R2
R3
I
H
V
CC
R1
R2
R3
++
------------------------------------
=
V
CC
V
CC-2V
V
CC / 2
1V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com