전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8404DTF 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN8404DTF
상세설명  2 Phase Half Wave BLDC Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8404DTF 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN8404DTF Datasheet HTML 1Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 2Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 3Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 4Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 5Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 6Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 7Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 8Page - Fairchild Semiconductor FAN8404DTF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.3
Features
• A wide range of operation voltage: 4V to 15V
• Built-in motor lock detector.
• Automatic restart function
• Alarm output for a motor lock detection
• Built-in thermal shut down circuits
• Built-in reverse current protection diode
• Compact package: 8-SOP-225
Description
The FAN8404D is a monolithic integrated circuit, and
suitable for DC cooling fan motors.
8-SOP-225
1
Typical Applications
• DC cooling fan motor
Ordering Information
Device
Package
Operating Temp.
FAN8404D
8-SOP-225
−25°C ~ 85°C
FAN8404DTF
8-SOP-225
−25°C ~ 85°C
FAN8404D
2 Phase Half Wave BLDC Motor Driver


유사한 부품 번호 - FAN8404DTF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8400BD3 FAIRCHILD-FAN8400BD3 Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
3-Phase BLDC Motor Driver with PLL
FAN8403D3TF FAIRCHILD-FAN8403D3TF Datasheet
80Kb / 12P
3-Phase BLDC Motor Driver with PLL
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
2 Phase Half Wave BLDC Motor Driver
More results

유사한 설명 - FAN8404DTF

제조업체부품명데이터시트상세설명
logo
Rohm
BA6407AF ROHM-BA6407AF Datasheet
84Kb / 6P
2-phase half-wave motor driver
BA6809F ROHM-BA6809F Datasheet
88Kb / 6P
2-phase half-wave motor driver
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1966M SANYO-LB1966M Datasheet
32Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
logo
Fairchild Semiconductor
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
2 Phase Half Wave BLDC Motor Driver
FAN8412M FAIRCHILD-FAN8412M Datasheet
315Kb / 16P
2 Phase Half Wave BLDC Motor Predriver
logo
Rohm
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
2-phase half-wave motor pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com