전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F415VG 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 STM32F415VG
상세설명  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415VG 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button STM32F415VG Datasheet HTML 65Page - STMicroelectronics STM32F415VG Datasheet HTML 66Page - STMicroelectronics STM32F415VG Datasheet HTML 67Page - STMicroelectronics STM32F415VG Datasheet HTML 68Page - STMicroelectronics STM32F415VG Datasheet HTML 69Page - STMicroelectronics STM32F415VG Datasheet HTML 70Page - STMicroelectronics STM32F415VG Datasheet HTML 71Page - STMicroelectronics STM32F415VG Datasheet HTML 72Page - STMicroelectronics STM32F415VG Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 186 page
background image
Port I
PI0
TIM5_CH4
SPI2_NSS
I2S2_WS
DCMI_D13
EVENTOUT
PI1
SPI2_SCK
I2S2_CK
DCMI_D8
EVENTOUT
PI2
TIM8_CH4
SPI2_MISO
I2S2ext_SD
DCMI_D9
EVENTOUT
PI3
TIM8_ETR
SPI2_MOSI
I2S2_SD
DCMI_D10
EVENTOUT
PI4
TIM8_BKIN
DCMI_D5
EVENTOUT
PI5
TIM8_CH1
DCMI_
VSYNC
EVENTOUT
PI6
TIM8_CH2
DCMI_D6
EVENTOUT
PI7
TIM8_CH3
DCMI_D7
EVENTOUT
PI8
EVENTOUT
PI9
CAN1_RX
EVENTOUT
PI10
ETH _MII_RX_ER
EVENTOUT
PI11
OTG_HS_ULPI_
DIR
EVENTOUT
Table 9. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1
I2C1/2/3
SPI1/SPI2/
I2S2/I2S2ext
SPI3/I2Sext/
I2S3
USART1/2/3/
I2S3ext
UART4/5/
USART6
CAN1/
CAN2/
TIM12/13/14
OTG_FS/
OTG_HS
ETH
FSMC/SDIO/
OTG_FS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More