| 전자부품 데이터시트 검색엔진 |
|
STM32F415VG 데이터시트(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F415VG 데이터시트(HTML) 46 Page - STMicroelectronics |
|
46 / 186 page ![]() Pinouts and pin description STM32F415xx, STM32F417xx 46/186 DocID022063 Rev 4 Table 7. STM32F41x pin and ball definitions Pin number Pin name (function after reset)(1) Alternate functions Additional functions - - 1 1 A2 1 PE2 I/O FT TRACECLK/ FSMC_A23 / ETH_MII_TXD3 / EVENTOUT - - 2 2 A1 2 PE3 I/O FT TRACED0/FSMC_A19 / EVENTOUT - - 3 3 B1 3 PE4 I/O FT TRACED1/FSMC_A20 / DCMI_D4/ EVENTOUT - - 4 4 B2 4 PE5 I/O FT TRACED2 / FSMC_A21 / TIM9_CH1 / DCMI_D6 / EVENTOUT - - 5 5 B3 5 PE6 I/O FT TRACED3 / FSMC_A22 / TIM9_CH2 / DCMI_D7 / EVENTOUT 1A10 6 6 C1 6 VBAT S - - - - D2 7 PI8 I/O FT (2)( 3) EVENTOUT RTC_TAMP1, RTC_TAMP2, RTC_TS 2A9 7 7 D1 8 PC13 I/O FT (2) (3) EVENTOUT RTC_OUT, RTC_TAMP1, RTC_TS 3B10 8 8 E1 9 PC14/OSC32_IN (PC14) I/O FT (2)( 3) EVENTOUT OSC32_IN(4) 4B9 9 9 F1 10 PC15/ OSC32_OUT (PC15) I/O FT (2)( 3) EVENTOUT OSC32_OUT(4) - - - - D3 11 PI9 I/O FT CAN1_RX / EVENTOUT - - - - E3 12 PI10 I/O FT ETH_MII_RX_ER / EVENTOUT - - - - E4 13 PI11 I/O FT OTG_HS_ULPI_DIR / EVENTOUT -- - - F2 14 VSS S -- - - F3 15 VDD S -- - 10 E2 16 PF0 I/O FT FSMC_A0 / I2C2_SDA / EVENTOUT |