| 전자부품 데이터시트 검색엔진 |
|
STM32F415ZG 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F415ZG 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 186 page ![]() DocID022063 Rev 4 51/186 STM32F415xx, STM32F417xx Pinouts and pin description - F5 45 67 P11 77 PE14 I/O FT FSMC_D11/TIM1_CH4/ EVENTOUT - G44668 R11 78 PE15 I/O FT FSMC_D12/TIM1_BKIN/ EVENTOUT 29 H4 47 69 R12 79 PB10 I/O FT SPI2_SCK / I2S2_CK / I2C2_SCL/ USART3_TX / OTG_HS_ULPI_D3 / ETH_MII_RX_ER / TIM2_CH3/ EVENTOUT 30 J4 48 70 R13 80 PB11 I/O FT I2C2_SDA/USART3_RX/ OTG_HS_ULPI_D4 / ETH_RMII_TX_EN/ ETH_MII_TX_EN / TIM2_CH4/ EVENTOUT 31 F4 49 71 M10 81 VCAP_1 S 32 - 50 72 N10 82 VDD S -- - - M11 83 PH6 I/O FT I2C2_SMBA / TIM12_CH1 / ETH_MII_RXD2/ EVENTOUT - - - - N12 84 PH7 I/O FT I2C3_SCL / ETH_MII_RXD3/ EVENTOUT -- - - M12 85 PH8 I/O FT I2C3_SDA / DCMI_HSYNC/ EVENTOUT -- - - M13 86 PH9 I/O FT I2C3_SMBA / TIM12_CH2/ DCMI_D0/ EVENTOUT -- - - L13 87 PH10 I/O FT TIM5_CH1 / DCMI_D1/ EVENTOUT -- - - L12 88 PH11 I/O FT TIM5_CH2 / DCMI_D2/ EVENTOUT -- - - K12 89 PH12 I/O FT TIM5_CH3 / DCMI_D3/ EVENTOUT -- - - H12 90 VSS S -- - - J12 91 VDD S Table 7. STM32F41x pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |