전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EvaluationBoard 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 EvaluationBoard
상세설명  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard 데이터시트(HTML) 4 Page - Intersil Corporation

  EvaluationBoard Datasheet HTML 1Page - Intersil Corporation EvaluationBoard Datasheet HTML 2Page - Intersil Corporation EvaluationBoard Datasheet HTML 3Page - Intersil Corporation EvaluationBoard Datasheet HTML 4Page - Intersil Corporation EvaluationBoard Datasheet HTML 5Page - Intersil Corporation EvaluationBoard Datasheet HTML 6Page - Intersil Corporation EvaluationBoard Datasheet HTML 7Page - Intersil Corporation EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL75052SEH
4
FN8456.0
May 29, 2013
Ordering Information
ORDERING
NUMBER
INTERNAL
MKT. NUMBER
PART
MARKING
TEMP
RANGE (°C)
PACKAGE
(RoHS Compliant)
PKG DWG. #
5962R1322001VXC
ISL75052SEHVFE
Q 5962R13 22001VXC
-55 to +125
16 Ld CDFP
K16.E
5962R1322001V9A
ISL75052SEHVX
-55 to +125
Die
ISL75052SEHF/SAMPLE
ISL75052SEHX/SAMPLE
-55 to +125
Die Sample
ISL75052SEHFE/PROTO
ISL75052SEHFE/PROTO
ISL75052 SEHFE /PROTO
-55 to +125
16 Ld CDFP
K16.E
ISL75052SEHEV1ZB
Evaluation Board
NOTE:
1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16