전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12CE673 데이터시트(PDF) 54 Page - Microchip Technology

부품명 PIC12CE673
상세설명  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 데이터시트(HTML) 54 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 50Page - Microchip Technology PIC12CE673 Datasheet HTML 51Page - Microchip Technology PIC12CE673 Datasheet HTML 52Page - Microchip Technology PIC12CE673 Datasheet HTML 53Page - Microchip Technology PIC12CE673 Datasheet HTML 54Page - Microchip Technology PIC12CE673 Datasheet HTML 55Page - Microchip Technology PIC12CE673 Datasheet HTML 56Page - Microchip Technology PIC12CE673 Datasheet HTML 57Page - Microchip Technology PIC12CE673 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 130 page
background image
PIC12C67X
DS30561C-page 54
 1997-2013 Microchip Technology Inc.
9.2
Oscillator Configurations
9.2.1
OSCILLATOR TYPES
The PIC12C67X can be operated in seven different
oscillator
modes.
The user can program three
configuration bits (FOSC<2:0>) to select one of these
seven modes:
• LP:
Low Power Crystal
• HS:
High Speed Crystal/Resonator
• XT:
Crystal/Resonator
• INTRC*:
Internal 4 MHz Oscillator
• EXTRC*: External Resistor/Capacitor
*Can be configured to support CLKOUT
9.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT, HS or LP modes, a crystal or ceramic resonator
is connected to the GP5/OSC1/CLKIN and GP4/OSC2
pins
to
establish
oscillation
(Figure 9-1).
The
PIC12C67X oscillator design requires the use of a
parallel cut crystal. Use of a series cut crystal may give
a
frequency
out
of
the
crystal
manufacturers
specifications. When in XT, HS or LP modes, the
device can have an external clock source drive the
GP5/OSC1/CLKIN pin (Figure 9-2).
FIGURE 9-1:
CRYSTAL OPERATION
(OR CERAMIC RESONATOR)
(XT, HS OR LP OSC
CONFIGURATION)
FIGURE 9-2:
EXTERNAL CLOCK INPUT
OPERATION (XT, HS OR LP
OSC CONFIGURATION)
Note 1:
See Capacitor Selection tables for
recommended values of C1 and C2.
2: A series resistor (RS) may be required for AT
strip cut crystals.
3: RF varies with the oscillator mode selected
(approx. value = 10 M
).
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
SLEEP
To internal
logic
RS(2)
PIC12C67X
Clock from
ext. system
OSC1
OSC2
PIC12C67X
Open
TABLE 9-1:
CAPACITOR SELECTION
FOR CERAMIC RESONATORS
- PIC12C67X
TABLE 9-2:
CAPACITOR SELECTION
FOR CRYSTAL OSCILLATOR
- PIC12C67X
Osc
Type
Resonator
Freq
Cap. Range
C1
Cap. Range
C2
XT
455 kHz
2.0 MHz
4.0 MHz
22-100 pF
15-68 pF
15-68 pF
22-100 pF
15-68 pF
15-68 pF
HS
4.0 MHz
8.0 MHz
10.0 MHz
15-68 pF
10-68 pF
10-22 pF
15-68 pF
10-68 pF
10-22 pF
These values are for design guidance only. Since
each resonator has its own characteristics, the user
should consult the resonator manufacturer for
appropriate values of external components.
Osc
Type
Resonator
Freq
Cap. Range
C1
Cap. Range
C2
LP
32 kHz(1)
100 kHz
200 kHz
15 pF
15-30 pF
15-30 pF
15 pF
30-47 pF
15-82 pF
XT
100 kHz
200 kHz
455 kHz
1 MHz
2 MHz
4 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-47 pF
200-300 pF
100-200 pF
15-100 pF
15-30 pF
15-30 pF
15-47 pF
HS
4 MHz
8 MHz
10 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
Note 1:
For VDD > 4.5V, C1 = C2
 30 pF is
recommended.
These values are for design guidance only. Rs may
be required in HS mode, as well as XT mode, to
avoid overdriving crystals with low drive level specifi-
cation. Since each crystal has its own characteris-
tics, the user should consult the crystal manufacturer
for appropriate values of external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com