| 전자부품 데이터시트 검색엔진 |
|
LPC1850 데이터시트(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 데이터시트(HTML) 39 Page - NXP Semiconductors |
|
39 / 149 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 6.1 — 7 February 2013 39 of 149 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller PB_4 B11 B10 - 180 - [2] N; PU - R — Function reserved. I/O USB1_ULPI_D5 — ULPI link bidirectional data line 5. O LCD_VD15 — LCD data. - R — Function reserved. I/O GPIO5[24] — General purpose digital input/output pin. I CTIN_5 — SCT input 5. Capture input 2 of timer 2. - R — Function reserved. - R — Function reserved. PB_5 A12 A11 - 181 - [2] N; PU - R — Function reserved. I/O USB1_ULPI_D4 — ULPI link bidirectional data line 4. O LCD_VD14 — LCD data. - R — Function reserved. I/O GPIO5[25] — General purpose digital input/output pin. I CTIN_7 — SCT input 7. O LCD_PWR — LCD panel power enable. - R — Function reserved. PB_6 A6 C5 - - - [5] N; PU - R — Function reserved. I/O USB1_ULPI_D3 — ULPI link bidirectional data line 3. O LCD_VD13 — LCD data. - R — Function reserved. I/O GPIO5[26] — General purpose digital input/output pin. I CTIN_6 — SCT input 6. Capture input 1 of timer 3. O LCD_VD19 — LCD data. - R — Function reserved. AI ADC0_6 — ADC0 and ADC1, input channel 6. Configure the pin as GPIO input and use the ADC function select register in the SCU to select the ADC. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |