전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF081M2STR 데이터시트(PDF) 2 Page - Rohm

부품명 RF081M2STR
상세설명  Super Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RF081M2STR 데이터시트(HTML) 2 Page - Rohm

  RF081M2STR Datasheet HTML 1Page - Rohm RF081M2STR Datasheet HTML 2Page - Rohm RF081M2STR Datasheet HTML 3Page - Rohm RF081M2STR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF081M2S
Electrical characteristics curves
0
5
10
15
20
25
30
AVE:12.2ns
Tj=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
Mounted on epoxy board
1ms
IM=10mA
IF=0.5A
300us
time
1
10
100
1000
110
100
0
20
40
60
80
100
1
10
100
700
750
800
850
900
1
10
100
0
5
10
15
20
25
30
0.01
0.1
1
10
200
400
600
800
1000
1200
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
f=1MHz
Tj=25℃
VR=200V
n=20pcs
AVE:10.8nA
AVE:818mV
Tj=25℃
IF=1.0A
n=20pcs
ESD DISPERSION MAP
0
5
10
15
20
25
30
No break at 30kV
C=100pF
R=1.5k
Ω
C=200pF
R=0
Ω
AVE:13.6kV
1
10
100
1000
110
100
t
Ifsm
Tj=125℃
Tj=25℃
Tj=150℃
1
10
100
1000
10000
0
50
100
150
200
Tj=125℃
Tj=25℃
Tj=150℃
40
45
50
55
60
Tj=25℃
f=1MHz
VR=0V
n=10pcs
AVE:51.5pF
AVE:69.5A
8.3ms
Ifsm
1cyc
8.3ms
IFSM DISPERSION MAP
2/3
2011.05



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com