전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF081M2STR 데이터시트(PDF) 3 Page - Rohm

부품명 RF081M2STR
상세설명  Super Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RF081M2STR 데이터시트(HTML) 3 Page - Rohm

  RF081M2STR Datasheet HTML 1Page - Rohm RF081M2STR Datasheet HTML 2Page - Rohm RF081M2STR Datasheet HTML 3Page - Rohm RF081M2STR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF081M2S
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve(Io-Tc)
0
0.2
0.4
0.6
0.8
1
00.511.5
2
D.C.
D=0.5
D=0.2
D=0.1
D=0.05
half sin wave
D=0.8
0
0.5
1
1.5
2
0
30
60
90
120
150
D.C.
D=0.5
D=0.2
D=0.1
D=0.05
half sin wave
D=0.8
T
Tj=150℃
D=t/T
t
VR
Io
VR=160V
0A
0V
0
0.5
1
1.5
2
0
306090
120
150
D.C.
D=0.5
D=0.2
D=0.1
D=0.05
half sin wave
D=0.8
T
Tj=150℃
D=t/T
t
VR
Io
VR=160V
0A
0V
3/3
2011.05



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com