| 전자부품 데이터시트 검색엔진 |
|
AR1010-I/ML 데이터시트(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1010-I/ML 데이터시트(HTML) 34 Page - Microchip Technology |
|
34 / 70 page ![]() AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER DS41393B-page 34 Preliminary 2009-2012 Microchip Technology Inc. 8.2.13 PenStateReportDelay Register (OFFSET 0x0F) The PenStateReportDelay register sets the delay time between sending of sequential touch reports for the “Pen-Down” and “Pen-Up” Touch mode states. See Section 8.2.10 “TouchMode Register (offset 0x0C)” for touch modes. For example, if “Pen-Up” state of the TouchMode register is configured to send a touch report with P=1, followed by a touch report with P=0, then this delay occurs between the two touch reports. This provides some timing flexibility between the two touch reports that may be desired in certain applications. Valid values are as follows. 0 ≤ PenStateReportDelay ≤ 255 Pen State Report Delay Time = PenStateReportDelay * 50 μs 8.2.14 TouchReportDelay Register (OFFSET 0x11) The TouchReportDelay register sets a forced delay time between successive touch report packets. This allows slowing down of the touch report rate, if desir- able for a given application. For example, a given appli- cation may not need a high rate of touch reports and may want to reduce the overhead used to service all of the touch reports being sent. In this situation, increas- ing the value of this register will reduce the rate at which the controller sends touch reports. Valid values are as follows: 0 ≤ TouchReportDelay ≤ 255 Touch Report Delay Time ≈ TouchReportDelay * 500 μs |