전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6546-I/MS 데이터시트(PDF) 19 Page - Microchip Technology

부품명 MCP6546-I/MS
상세설명  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-I/MS 데이터시트(HTML) 19 Page - Microchip Technology

Back Button MCP6546-I/MS Datasheet HTML 15Page - Microchip Technology MCP6546-I/MS Datasheet HTML 16Page - Microchip Technology MCP6546-I/MS Datasheet HTML 17Page - Microchip Technology MCP6546-I/MS Datasheet HTML 18Page - Microchip Technology MCP6546-I/MS Datasheet HTML 19Page - Microchip Technology MCP6546-I/MS Datasheet HTML 20Page - Microchip Technology MCP6546-I/MS Datasheet HTML 21Page - Microchip Technology MCP6546-I/MS Datasheet HTML 22Page - Microchip Technology MCP6546-I/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 19
MCP6546/6R/6U/7/8/9
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
5-Lead SC-70 (MCP6546, MCP6546U)
Example: (I-temp)
Device
I-Temp
Code
E-Temp
Code
MCP6546
ACNN
Note 2
MCP6546U
BBNN
Note 2
Note
1:
I-Temp parts prior to March 2005 are
marked “ACN”
2:
SC-70-5 E-Temp parts not available at
this release of the data sheet.
Example: (I-temp)
OR
AC25
AC25 (Front)
148 (Back)
5-Lead SOT-23 (MCP6546, MCP6546R, MCP6546U)
Example: (I-temp)
Device
I-Temp
Code
E-Temp
Code
MCP6546
ACNN
GWNN
MCP6546R
AHNN
GXNN
MCP6546U
—
AWNN
Note: Applies to 5-Lead SOT-23
AC25
AC25
8-Lead PDIP (300 mil) (MCP6546, MCP6547, MCP6548, MCP6549)
Examples:
OR
MCP6546
I/P^^256
1148
3
e
MCP6546
I/P256
1148
8-Lead SOIC (150 mil) (MCP6546, MCP6547, MCP6548, MCP6549)
OR
MCP6547
MCP6547
I/SN1148
256
256
SN^^1148
3
e
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44