| 전자부품 데이터시트 검색엔진 |
|
TMS320 데이터시트(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320 데이터시트(HTML) 20 Page - Texas Instruments |
|
20 / 70 page ![]() TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS SPRS010B — MAY 1987 — REVISED NOVEMBER 1990 POST OFFICE BOX 1443 HOUSTON, TEXAS 77001 20 documentation support Extensive documentation supports the second-generation TMS320 devices from product announcement through applications development. The types of documentation include data sheets with design specifications, complete user’s guides, and 750 pages of application reports published in the book, Digital Signal Processing Applications with the TMS320 Family (SPRA012A). An application report, Hardware Interfacing to the TMS320C25 (SPRA014A), is available for that device. A series of DSP textbooks is being published by Prentice-Hall and John Wiley & Sons to support digital signal processing research and education. The TMS320 newsletter, Details on Signal Processing, is published quarterly and distributed to update TMS320 customers on product information. The TMS320 DSP bulletin board service provides access to large amounts of information pertaining to the TMS320 family. Refer to the TMS320 Family Development Support Reference Guide (SPRU011A) for further information about TMS320 documentation. To receive copies of second-generation TMS320 literature, call the Customer Response Center at 1-800-232-3200. specification overview The electrical specifications for the TMS32020, TMS320C25, TMS320E25, and TMS320C25-50 are given in the following pages. Note that the electrical specifications for the TMS320E25 are identical to those for the TMS320C25, with the addition of EPROM-related specifications. A summary of differences between TMS320C25 and TMS320C25-50 specifications immediately follows the TMS320C25-50 specification. |