| 전자부품 데이터시트 검색엔진 |
|
MC68331MFC16 데이터시트(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68331MFC16 데이터시트(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 84 page ![]() MC68331TS/D 49 1. Privileged instruction. SUB <ea>, Dn Dn, <ea> 8, 16, 32 Destination − Source ⇒ Destination SUBA <ea>, An 16, 32 Destination − Source ⇒ Destination SUBI #<data>, <ea> 8, 16, 32 Destination − Data ⇒ Destination SUBQ #<data>, <ea> 8, 16, 32 Destination − Data ⇒ Destination SUBX Dn, Dn − (An), − (An) 8, 16, 32 8, 16, 32 Destination − Source − X ⇒ Destination SWAP Dn 16 TAS <ea> 8 Destination Tested Condition Codes bit 7 of Destination TBLS/TBLU <ea>, Dn Dym : Dyn, Dn 8, 16, 32 Dyn − Dym ⇒ Temp (Temp ∗ Dn [7 : 0]) ⇒ Temp (Dym ∗ 256) + Temp ⇒ Dn TBLSN/TBLUN <ea>, Dn Dym : Dyn, Dn 8, 16, 32 Dyn − Dym ⇒ Temp (Temp ∗ Dn [7 : 0]) / 256 ⇒ Temp Dym + Temp ⇒ Dn TRAP #<data> none SSP − 2 ⇒ SSP; format/vector offset ⇒ (SSP); SSP − 4 ⇒ SSP; PC ⇒ (SSP); SR ⇒ (SSP); vector address ⇒ PC TRAPcc none #<data> none 16, 32 If cc true, then TRAP exception TRAPV none none If V set, then overflow TRAP exception TST <ea> 8, 16, 32 Source − 0, to set condition codes UNLK An 32 An ⇒ SP; (SP) ⇒ An, SP + 4 ⇒ SP Table 20 Instruction Set Summary (Continued) Instruction Syntax Operand Size Operation MSW LSW Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |