| 전자부품 데이터시트 검색엔진 |
|
MC68331MFC20 데이터시트(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68331MFC20 데이터시트(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 84 page ![]() 48 MC68331TS/D MOVEP Dn, (d16, An) (d16, An), Dn 16, 32 Dn [31 : 24] ⇒ (An + d); Dn [23 : 16] ⇒ (An + d + 2); Dn [15 : 8] ⇒ (An + d + 4); Dn [7 : 0] ⇒ (An + d + 6) (An + d) ⇒ Dn [31 : 24]; (An + d + 2) ⇒ Dn [23 : 16]; (An + d + 4) ⇒ Dn [15 : 8]; (An + d + 6) ⇒ Dn [7 : 0] MOVEQ #<data>, Dn 8 ⇒ 32 Immediate data ⇒ Destination MOVES1 Rn, <ea> <ea>, Rn 8, 16, 32 Rn ⇒ Destination using DFC Source using SFC ⇒ Rn MULS/MULU <ea>, Dn <ea>, Dl <ea>, Dh : Dl 16 ∗ 16 ⇒ 32 32 ∗ 32 ⇒ 32 32 ∗ 32 ⇒ 64 Source ∗ Destination ⇒ Destination (signed or unsigned) NBCD <ea> 8 8 0 − Destination 10 − X ⇒ Destination NEG <ea> 8, 16, 32 0 − Destination ⇒ Destination NEGX <ea> 8, 16, 32 0 − Destination − X ⇒ Destination NOP none none PC + 2 ⇒ PC NOT <ea> 8, 16, 32 Destination ⇒ Destination OR <ea>, Dn Dn, <ea> 8, 16, 32 8, 16, 32 Source + Destination ⇒ Destination ORI #<data>, <ea> 8, 16, 32 Data + Destination ⇒ Destination ORI to CCR #<data>, CCR 16 Source + CCR ⇒ SR ORI to SR1 #<data>, SR 16 Source ; SR ⇒ SR PEA <ea> 32 SP − 4 ⇒ SP; <ea> ⇒ SP RESET1 none none Assert RESET line ROL Dn, Dn #<data>, Dn <ea> 8, 16, 32 8, 16, 32 16 ROR Dn, Dn #<data>, Dn <ea> 8, 16, 32 8, 16, 32 16 ROXL Dn, Dn #<data>, Dn <ea> 8, 16, 32 8, 16, 32 16 ROXR Dn, Dn #<data>, Dn <ea> 8, 16, 32 8, 16, 32 16 RTD #d 16 (SP) ⇒ PC; SP + 4 + d ⇒ SP RTE1 none none (SP) ⇒ SR; SP + 2 ⇒ SP; (SP) ⇒ PC; SP + 4 ⇒ SP; Restore stack according to format RTR none none (SP) ⇒ CCR; SP + 2 ⇒ SP; (SP) ⇒ PC; SP + 4 ⇒ SP RTS none none (SP) ⇒ PC; SP + 4 ⇒ SP SBCD Dn, Dn − (An), − (An) 8 8 Destination10 − Source10 − X ⇒ Destination Scc <ea> 8 If condition true, then destination bits are set to 1; else, destination bits are cleared to 0 STOP1 #<data> 16 Data ⇒ SR; STOP Table 20 Instruction Set Summary (Continued) Instruction Syntax Operand Size Operation C C C X C X Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |