전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC68331MFC20 데이터시트(PDF) 20 Page - Freescale Semiconductor, Inc

부품명 MC68331MFC20
상세설명  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC20 데이터시트(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC20 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
20
MC68331TS/D
3.2.5 Spurious Interrupt Monitor
The spurious interrupt monitor issues BERR if no interrupt arbitration occurs during an interrupt-ac-
knowledge cycle.
3.2.6 Software Watchdog
The software watchdog is controlled by SWE in the SYPCR. Once enabled, the watchdog requires that
a service sequence be written to SWSR on a periodic basis. If servicing does not take place, the watch-
dog times out and issues a reset. This register can be written at any time, but returns zeros when read.
Register shown with read value
Perform a software watchdog service sequence as follows:
1.
Write $55 to SWSR.
2.
Write $AA to SWSR.
Both writes must occur before time-out in the order listed, but any number of instructions can be exe-
cuted between the two writes.
The watchdog clock rate is affected by SWP and SWT in SYPCR. When SWT[1:0] are modified, a
watchdog service sequence must be performed before the new time-out period takes effect.
The reset value of SWP is affected by the state of the MODCLK pin on the rising edge of reset, as shown
in the following table.
3.2.7 Periodic Interrupt Timer
The periodic interrupt timer (PIT) generates interrupts of specified priorities at specified intervals. Timing
for the PIT is provided by a programmable prescaler driven by the system clock.
This register contains information concerning periodic interrupt priority and vectoring. Bits [10:0] can be
read or written at any time. Bits [15:11] are unimplemented and always return zero.
PIRQL[2:0] —Periodic Interrupt Request Level
The following table shows what interrupt request level is asserted when a periodic interrupt is generat-
ed. If a PIT interrupt and an external IRQ signal of the same priority occur simultaneously, the PIT in-
terrupt is serviced first. The periodic timer continues to run when the interrupt is disabled.
SWSR —Software Service Register
$YFFA27
15
8
7
6
5
4
3
2
1
0
NOT USED
0
0
0
0
0
0
0
0
RESET:
0
0
0
0
0
0
0
0
MODCLK
SWP
01
10
PICR — Periodic Interrupt Control Register
$YFFA22
15
14
13
12
11
10
8
7
0
0
0
0
0
0
PIRQL
PIV
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com