| 전자부품 데이터시트 검색엔진 |
|
MPC8280EC 데이터시트(PDF) 56 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280EC 데이터시트(HTML) 56 Page - Freescale Semiconductor, Inc |
|
56 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 56 Freescale Semiconductor Pinout PB10/FCC3_MII_HDLC_RXD2 FCC2_UT8_TXD1/L1RXDD1 AH242 PB11/FCC3_MII_HDLC_RXD3 FCC2_UT8_TXD0/L1TXDD1 AJ242 PB12/FCC3_MII_CRS/TXD2 L1CLKOB1/L1RSYNCC1 AG222 PB13/FCC3_MII_COL/L1TXD1A2 L1RQB1/L1TSYNCC1/L1GNTC1 AH212 PB14/FCC3_MII_RMII_TX_EN//RXD3 L1RXDC1 AG202 PB15/FCC3_MII_TX_ER/RXD2 L1TXDC1 AF192 PB16/FCC3_MII_RMII_RX_ER/CLK18 L1CLKOA1 AJ182 PB17/FCC3_MII_RX_DV/CLK17/ FCC3_RMII_CRS_DV L1RQA1 AJ172 PB18/FCC2_MII_HDLC_RXD3/ L1CLKOD2/L1RXD2A2 FCC2_UT8_RXD4 AE142 PB19FCC2_MII_HDLC_RXD2/ L1RQD2/L1RXD3A2 FCC2_UT8_RXD5 AF132 PB20/FCC2_MII_HDLC_RMII_RXD1/ L1RSYNCD2 FCC2_UT8_RXD6/L1TXD1A1 AG122 PB21//FCC2_MII_HDLC_RMII_RXD0/ FCC2_TRAN_RXD/L1TSYNCD2/ L1GNTD2 FCC2_UT8_RXD7/L1TXD2A1 AH112 PB22/FCC2_MII_HDLC_TXD0/ FCC2_TXD/FCC2_RMII_TXD0/ L1RXDD2 FCC2_UT8_TXD7/L1RXD1A1 AH162 PB23/FCC2_MII_HDLC_TXD1/ L1RXD2A1/L1TXDD2/ FCC2_RMII_TXD1 FCC2_UT8_TXD6/L1RXD2A1 AE152 PB24/FCC2_MII_HDLC_TXD2/ L1RSYNCC2 FCC2_UT8_TXD5/L1RXD3A1 AJ92 PB25/FCC2_MII_HDLC_TXD3/ L1TSYNCC2/L1GNTC2 FCC2_UT8_TXD4/L1TXD3A1 AE92 PB26/FCC2_MII_CRS/L1RXDC2 FCC2_UT8_TXD1 AJ72 PB27/FCC2_MII_COL/L1TXDC2 FCC2_UT8_TXD0 AH62 PB28/FCC2_MII_RX_ER/ FCC2_RMII_RX_ER/FCC2_RTS/ L1TSYNCB2/L1GNTB2/TXD1 AE32 PB29/L1RSYNCB2/FCC2_MII_TX_EN/ FCC2_RMII_TX_EN FCC2_UTM_RXCLAV/ FCC2_UTS_RXCLAV AE22 PB30/FCC2_MII_RX_DV/ FCC2_RMII_CRS_DV/L1RXDB2 FCC2_UT_TXSOC AC52 PB31/FCC2_MII_TX_ER/L1TXDB2 FCC2_UT_RXSOC AC42 Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |