| 전자부품 데이터시트 검색엔진 |
|
MPC8280EC 데이터시트(PDF) 59 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280EC 데이터시트(HTML) 59 Page - Freescale Semiconductor, Inc |
|
59 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 Freescale Semiconductor 59 Pinout PD20/RTS4/TENA4/L1RSYNCA2/ USB_TP FCC1_UT16_RXD2 AJ142 PD21/TXD4/L1RXD0A2/L1RXDA2/ USB_TN FCC1_UT16_RXD3 AH132 PD22/RXD4L1TXD0A2/L1TXDA2/ USB_RXD FCC1_UT16_TXD5 AJ122 PD23/RTS3/TENA3 FCC1_UT16_RXD4/L1RSYNCD1 AE122 PD24/TXD3 FCC1_UT16_RXD5/L1RXDD1 AF102 PD25/RXD3 FCC1_UT16_TXD6/L1TXDD1 AG92 PD26/RTS2/TENA2 FCC1_UT16_RXD6/L1RSYNCC1 AH82 PD27/TXD2 FCC1_UT16_RXD7/L1RXDC1 AG72 PD28/RXD2 FCC1_UT16_TXD7/L1TXDC1 AE42 PD29/RTS1/TENA1 FCC1_UTM_RXADDR3/ FCC1_UTS_RXADDR3/ FCC1_UTM_RXCLAV2/ FCC2_UTM_RXADDR4/ FCC2_UTS_RXADDR1 AG12 PD30/TXD1 FCC2_UTM_TXENB/ FCC2_UTS_TXENB AD42 PD31/RXD1 AD22 VCCSYN AB3 VCCSYN1 B9 CLKIN2 AE11 SPARE43 U5 PCI_MODE4 AF25 SPARE63 V4 No connect5 AA1, AG4 I/O power AG21, AG14, AG8, AJ1, AJ2, AH1, AH2, AG3, AF4, AE5, AC27, Y27, T27, P27, K26, G27, AE25, AF26, AG27, AH28, AH29, AJ28, AJ29, C7, C14, C16, C20, C23, E10, A28, A29, B28, B29, C27, D26, E25, H3, M4, T3, AA4, A1, A2, B1, B2, C3, D4, E5 Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |