| 전자부품 데이터시트 검색엔진 |
|
MPC8280 데이터시트(PDF) 55 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 데이터시트(HTML) 55 Page - Freescale Semiconductor, Inc |
|
55 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 Freescale Semiconductor 55 Pinout PA17/FCC1_MII_HDLC_RXD0/ FCC1_MII_TRAN_RXD/ FCCI_RMII_RXD0 FCC1_UT8_RXD7/ FCC1_UT16_RXD15 AE162 PA18/FCC1_MII_HDLC_TXD0/ FCC1_MII_TRAN_TXD/ FCC1_RMII_TXD0 FCC1_UT8_TXD7/FCC1_UT16_TXD15 AJ162 PA19/FCC1_MII_HDLC_TXD1/ FCC1_RMII_TXD1 FCC1_UT8_TXD6/FCC1_UT16_TXD14 AG152 PA20/FCC1_MII_HDLC_TXD2 FCC1_UT8_TXD5/FCC1_UT16_TXD13 AJ132 PA21/FCC1_MII_HDLC_TXD3 FCC1_UT8_TXD4/FCC1_UT16_TXD12 AE132 PA22 FCC1_UT8_TXD3/FCC1_UT16_TXD11 AF122 PA23 FCC1_UT8_TXD2/FCC1_UT16_TXD10 AG112 PA24/MSNUM1 FCC1_UT8_TXD1/FCC1_UT16_TXD9 AH92 PA25/MSNUM0 FCC1_UT8_TXD0/FCC1_UT16_TXD8 AJ82 PA26/FCC1_RMII_RX_ER FCC1_UTM_RXCLAV/ FCC1_UTS_RXCLAV AH72 PA27/FCC1_MII_RX_DV/ FCC1_RMII_CRS_DV FCC1_UT_RXSOC AF72 PA28/FCC1_MII_TX_EN/ FCC1_RMII_TX_EN FCC1_UTM_RXENB/ FCC1_UTS_RXENB AD52 PA29/FCC1_MII_TX_ER FCC1_UT_TXSOC AF1 2 PA30/FCC1_MII_CRS/FCC1_RTS FCC1_UTM_TXCLAV/ FCC1_UTS_TXCLAV AD32 PA31/FCC1_MII_COL FCC1_UTM_TXENB/ FCC1_UTS_TXENB AB52 PB4/FCC3_MII_HDLC_TXD3/ L1RSYNCA2/FCC3_RTS FCC2_UT8_RXD0 AD282 PB5/FCC3_MII_HDLC_TXD2/ L1TSYNCA2/L1GNTA2 FCC2_UT8_RXD1 AD262 PB6/FCC3_MII_HDLC_TXD1/ FCC3_RMII_TXD1/ L1RXDA2/L1RXD0A2 FCC2_UT8_RXD2 AD252 PB7/FCC3_MII_HDLC_TXD0/ FCC3_RMII_TXD0/ FCC3_TXD/L1TXDA2/L1TXD0A2 FCC2_UT8_RXD3 AE262 PB8/FCC3_MII_HDLC_RXD0/ FCC3_RMII_RXD0/ FCC3_RXD/TXD3 FCC2_UT8_TXD3/L1RSYNCD1 AH272 PB9/FCC3_MII_HDLC_RXD1/ FCC3_RMII_RXD1/L1TXD2A2 FCC2_UT8_TXD2/L1TSYNCD1/ L1GNTD1 AG242 Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |