| 전자부품 데이터시트 검색엔진 |
|
MPC8270VR 데이터시트(PDF) 52 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270VR 데이터시트(HTML) 52 Page - Freescale Semiconductor, Inc |
|
52 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 52 Freescale Semiconductor Pinout LSDWE/LGPL1/PCI_MODCKH1 C28 LOE/LSDRAS/LGPL2/PCI_MODCKH2 E26 LSDCAS/LGPL3/PCI_MODCKH3 D25 LGTA/LUPMWAIT/LGPL4/LPBS C26 LGPL5/LSDAMUX/PCI_MODCK B27 LWR D28 L_A14/PAR N27 L_A15/FRAME/SMI T29 L_A16/TRDY R27 L_A17/IRDY/CKSTP_OUT R26 L_A18/STOP R29 L_A19/DEVSEL R28 L_A20/IDSEL W29 L_A21/PERR P28 L_A22/SERR N26 L_A23/REQ0 AA27 L_A24/REQ1/HSEJSW P29 L_A25/GNT0 AA26 L_A26/GNT1/HSLED N25 L_A27/GNT2/HSENUM AA25 L_A28/RST/CORE_SRESET AB29 L_A29/INTA AB28 L_A30/REQ2 P25 L_A31/DLLOUT AB27 LCL_D0/AD0 H29 LCL_D1/AD1 J29 LCL_D2/AD2 J28 LCL_D3/AD3 J27 LCL_D4/AD4 J26 LCL_D5/AD5 J25 LCL_D6/AD6 K25 LCL_D7/AD7 L29 LCL_D8/AD8 L27 Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |