| 전자부품 데이터시트 검색엔진 |
|
MPC8270VR 데이터시트(PDF) 61 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270VR 데이터시트(HTML) 61 Page - Freescale Semiconductor, Inc |
|
61 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 Freescale Semiconductor 61 Pinout This figure shows the pinout of the VR and ZQ packages as viewed from the top surface. Figure 14. Pinout of the 516 PBGA Package (View from Top) This table shows the pinout list of the MPC8275 and MPC8270. Table 24 defines conventions and acronyms used in Table 25. Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List Pin Name Ball MPC8275/MPC8270 MPC8275 only BR C16 BG D2 ABB/IRQ2 C1 TS D1 1 234 5 6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 Not to Scale 1 234 5 6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF |