| 전자부품 데이터시트 검색엔진 |
|
PC123X2YIP0F 데이터시트(PDF) 8 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC123X2YIP0F 데이터시트(HTML) 8 Page - Sharp Corporation |
|
8 / 16 page ![]() 8 Sheet No.: D2-A09501EN PC123XNNSZ0F Series Fig.7 Current Transfer Ratio vs. Forward Current Fig.8 Collector Current vs. Collector-emitter Voltage Fig.9 Relative Current Transfer Ratio vs. Ambient Temperature Fig.10 Collector - emitter Saturation Voltage vs. Ambient Temperature Fig.11 Collector Dark Current vs. Ambient Temperature Fig.12 Response Time vs. Load Resistance 0.01 0.1 1 10 100 0.1 1 10 100 VCE=2V IC=2mA Ta=25˚C tr tf td ts 1 000 Load resistance (kΩ) Ambient temperature Ta (˚C) −30 0 20406080 100 10 −11 10 −10 10 −9 10 −8 10 −7 10 −6 10 −5 VCE=50V Forward current IF (mA) 0.1 1 10 100 0 50 100 150 200 250 300 VCE=5V Ta=25˚C Collector-emitter voltage VCE (V) 0123456789 10 0 6 12 18 24 30 36 42 48 54 60 Ta=25˚C IF= 30mA IF= 20mA IF=10mA IF=5mA PC (MAX.) 50 0 100 150 0 255075 100 −30 IF=5mA VCE=5V Ambient temperature Ta (˚C) Ambient temperature Ta (˚C) −30 0 20406080 100 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 IF=20mA IC=1mA |