| 전자부품 데이터시트 검색엔진 |
|
PC123X2YIP0F 데이터시트(PDF) 1 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC123X2YIP0F 데이터시트(HTML) 1 Page - Sharp Corporation |
|
1 / 16 page ![]() PC123XNNSZ0F Series 1 Sheet No.: D2-A09501EN Date Sep. 1. 2006 © SHARP Corporation Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. PC123XNNSZ0F Series DIP 4pin Reinforced Insulation Type Photocoupler ■ Description PC123XNNSZ0F Series contains an IRED optically coupled to a phototransistor. It is packaged in a 4-pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option. Input-output isolation voltage(rms) is 5kV. CTR is 50% to 400% at input current of 5mA ■ Features 1. 4-pin DIP package 2. Double transfer mold package (Ideal for Flow Solder- ing) 3. Current transfer ratio (CTR : MIN. 50% at IF=5 mA, VCE=5V) 4. Several CTR ranks available 5. Reinforced insulation type (Isolation distance : MIN. 0.4mm) 6. Long creepage distance type (wide lead-form type only : MIN. 8mm) 7. High isolation voltage between input and output (Viso(rms) : 5kV) 8. Lead-free and RoHS directive compliant ■ Agency approvals/Compliance 1. Recognized by UL1577 (Double protection isolation), file No. E64380 (as model No. PC123) 2. Approved by BSI, BS-EN60065, file No. 7087, BS- EN60950 file No. 7409, (as model No. PC123) 3. Approved by SEMKO, EN60065, EN60950, (as mod- el No. PC123) 4. Approved by DEMKO, EN60065, EN60950, (as mod- el No. PC123) 5. Approved by NEMKO, EN60065, EN60950, (as mod- el No. PC123) 6. Approved by FIMKO, EN60065, EN60950, (as model No. PC123) 7. Recognized by CSA file No. CA95323, (as model No. PC123) 8. Approved by VDE, DIN EN60747-5-2(∗) (as an op- tion), file No. 40008087 (as model No. PC123) 9. Package resin : UL flammability grade (94V - 0) (∗) DIN EN60747-5-2 : successor standard of DIN VDE0884. ■ Applications 1. I/O isolation for MCUs (Micro Controller Units) 2. Noise suppression in switching circuits 3. Signal transmission between circuits of different po- tentials and impedances 4. Over voltage detection |
유사한 부품 번호 - PC123X2YIP0F |
|
유사한 설명 - PC123X2YIP0F |