전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F372VB 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STM32F372VB
상세설명  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VB 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STM32F372VB Datasheet HTML 7Page - STMicroelectronics STM32F372VB Datasheet HTML 8Page - STMicroelectronics STM32F372VB Datasheet HTML 9Page - STMicroelectronics STM32F372VB Datasheet HTML 10Page - STMicroelectronics STM32F372VB Datasheet HTML 11Page - STMicroelectronics STM32F372VB Datasheet HTML 12Page - STMicroelectronics STM32F372VB Datasheet HTML 13Page - STMicroelectronics STM32F372VB Datasheet HTML 14Page - STMicroelectronics STM32F372VB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
STM32F37x
Description
Doc ID 022691 Rev 3
11/128
Figure 1.
Block diagram
1.
AF: alternate function on I/O pins.
2.
Example given for STM32F373xx device.
2x(8x16bit)
max
SS
DD18
@VDDIO
@VSW
@VDDA
@VDDIO
2x(8x16bit)
@VDDA
CRC
@VDDA
@VDDSD3
@VDDSD12
@VDD
TIM 19
4 C
ls, ETR
2 C
ETR
2
as AF
as AF
@VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More