| 전자부품 데이터시트 검색엔진 |
|
STM32F372VB 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F372VB 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 128 page ![]() Pinouts and pin description STM32F37x 36/128 Doc ID 022691 Rev 3 60 H12 PD13 I/O TC (3) (1) TIM4_CH2, TSC_G8_IO2 SDADC3_AIN1P, SDADC3_AIN2M 61 H11 PD14 I/O TC (3) (1) TIM4_CH3, TSC_G8_IO3 SDADC3_AIN0P 62 H10 PD15 I/O TC (3) (1) TIM4_CH4, TSC_G8_IO4 SDADC3_AIN0M 63 E12 37 PC6 I/O FT (1) TIM3_CH1, SPI1_NSS/I2S1_WS 64 E11 38 PC7 I/O FT (1) TIM3_CH2, SPI1_SCK/I2S1_CK, 65 E10 39 PC8 I/O FT (1) SPI1_MISO/I2S1_MCK, TIM3_CH3 66 D12 40 PC9 I/O FT (1) SPI1_MOSI/I2S1_SD, TIM3_CH4 67 D11 41 29 PA8 I/O FT SPI2_SCK/I2S2_CK, I2C2_SMBA, USART1_CK, TIM4_ETR, TIM5_CH1_ETR, MCO 68 D10 42 30 PA9 I/O FTf SPI2_MISO/I2S2_MCK, I2C2_SCL, USART1_TX, TIM2_CH3, TIM15_BKIN, TIM13_CH1, TSC_G4_IO1 69 C12 43 31 PA10 I/O FTf SPI2_MOSI/I2S2_SD, I2C2_SDA, USART1_RX, TIM2_CH4, TIM17_BKIN, TIM14_CH1, TSC_G4_IO2 70 B12 44 32 PA11 I/O FT SPI2_NSS/I2S2_WS, SPI1_NSS/I2S1_WS, USART1_CTS, CAN_RX, TIM4_CH1, USB_DM, TIM5_CH2, COMP1_OUT 71 A12 45 33 PA12 I/O FT SPI1_SCK/I2S1_CK, USART1_RTS, CAN_TX, USB_DP, TIM16_CH1, TIM4_CH2, TIM5_CH3, COMP2_OUT 72 A11 46 34 PA13 I/O FT SPI1_MISO/I2S1_MCK, USART3_CTS, IR_OUT, TIM16_CH1N, TIM4_CH3, TIM5_CH4, TSC_G4_IO3, SWDIO-JTMS Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |