전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2992IM5X-5.0/NOPB 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 LP2992IM5X-5.0/NOPB
상세설명  LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP2992IM5X-5.0/NOPB 데이터시트(HTML) 17 Page - Texas Instruments

Back Button LP2992IM5X-5.0/NOPB Datasheet HTML 13Page - Texas Instruments LP2992IM5X-5.0/NOPB Datasheet HTML 14Page - Texas Instruments LP2992IM5X-5.0/NOPB Datasheet HTML 15Page - Texas Instruments LP2992IM5X-5.0/NOPB Datasheet HTML 16Page - Texas Instruments LP2992IM5X-5.0/NOPB Datasheet HTML 17Page - Texas Instruments LP2992IM5X-5.0/NOPB Datasheet HTML 18Page - Texas Instruments LP2992IM5X-5.0/NOPB Datasheet HTML 19Page - Texas Instruments LP2992IM5X-5.0/NOPB Datasheet HTML 20Page - Texas Instruments LP2992IM5X-5.0/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LP2992ILD-3.3
ACTIVE
WSON
NGD
6
1000
TBD
Call TI
Call TI
-40 to 125
L014A
B
LP2992ILD-3.3/NOPB
ACTIVE
WSON
NGD
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L014A
B
LP2992ILD-5.0
ACTIVE
WSON
NGD
6
1000
TBD
Call TI
Call TI
-40 to 125
L015A
B
LP2992ILD-5.0/NOPB
ACTIVE
WSON
NGD
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L015A
B
LP2992ILDX-1.5
ACTIVE
WSON
NGD
6
4500
TBD
Call TI
Call TI
-40 to 125
L011A
B
LP2992ILDX-1.5/NOPB
ACTIVE
WSON
NGD
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L011A
B
LP2992ILDX-1.8
ACTIVE
WSON
NGD
6
4500
TBD
Call TI
Call TI
-40 to 125
L012A
B
LP2992ILDX-1.8/NOPB
ACTIVE
WSON
NGD
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L012A
B
LP2992ILDX-3.3
ACTIVE
WSON
NGD
6
4500
TBD
Call TI
Call TI
-40 to 125
L014A
B
LP2992ILDX-3.3/NOPB
ACTIVE
WSON
NGD
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L014A
B
LP2992ILDX-5.0
ACTIVE
WSON
NGD
6
4500
TBD
Call TI
Call TI
-40 to 125
L015A
B
LP2992ILDX-5.0/NOPB
ACTIVE
WSON
NGD
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L015A
B
LP2992IM5-1.5
ACTIVE
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFBB
LP2992IM5-1.5/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFBB
LP2992IM5-1.8
ACTIVE
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFCB
LP2992IM5-1.8/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFCB
LP2992IM5-2.5
ACTIVE
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFDB
LP2992IM5-2.5/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28