| 전자부품 데이터시트 검색엔진 |
|
LP2992IM5X-5.0/NOPB 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2992IM5X-5.0/NOPB 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 28 page ![]() LP2992 SNVS171G – NOVEMBER 2001 – REVISED MARCH 2013 www.ti.com Basic Application Circuit *ON/OFF input must be actively terminated. Tie to VIN if this function is not to be used. **Minimum capacitance is shown to ensure stability (may be increased without limit). Ceramic capacitor required for output (see Application Hints). ***Reduces output noise (may be omitted if application is not noise critical). Use ceramic or film type with very low leakage current (see Application Hints). Connection Diagram Figure 1. Top View 5-Lead SOT-23 (DBV) See Package Number DBV0005A Figure 2. Top View 6-Lead WSON Package (NGD) See Package Number NGD0006A 2 Submit Documentation Feedback Copyright © 2001–2013, Texas Instruments Incorporated Product Folder Links: LP2992 |