| 전자부품 데이터시트 검색엔진 |
|
2STP535FP 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STP535FP 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() Package mechanical data 2STP535FP 6/8 Doc ID 16132 Rev 1 Dim. mm . x a M . p y T . n i M 6 . 4 4 . 4 A 7 . 2 5 . 2 B 5 7 . 2 5 . 2 D 7 . 0 5 4 . 0 E 1 5 7 . 0 F 0 7 . 1 5 1 . 1 1 F 5 . 1 5 1 . 1 2 F 2 . 5 5 9 . 4 G 7 . 2 4 . 2 1 G 4 . 0 1 0 1 H 6 1 2 L 6 . 0 3 6 . 8 2 3 L 6 . 0 1 8 . 9 4 L 6 . 3 9 . 2 5 L 4 . 6 1 9 . 5 1 6 L 3 . 9 9 7 L 2 . 3 3 a i D 7012510_Rev_J A B H Dia L7 D E L6 L5 L2 L3 L4 F1 F2 F G G1 TO-220FP mechanical data |