| 전자부품 데이터시트 검색엔진 |
|
STM32F100RC 데이터시트(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100RC 데이터시트(HTML) 60 Page - STMicroelectronics |
|
60 / 98 page ![]() Electrical characteristics STM32F100xC, STM32F100xD, STM32F100xE 60/98 Doc ID 15081 Rev 7 Synchronous waveforms and timings Figure 19 through Figure 22 represent synchronous waveforms and Table 35 through Table 37 provide the corresponding timings. The results shown in these tables are obtained with the following FSMC configuration: ● BurstAccessMode = FSMC_BurstAccessMode_Enable; ● MemoryType = FSMC_MemoryType_CRAM; ● WriteBurst = FSMC_WriteBurst_Enable; ● CLKDivision = 1; (0 is not supported, see the STM32F10xxx reference manual) ● DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM Figure 19. Synchronous multiplexed NOR/PSRAM read timings )60&B&/. )60&B1([ )60&B1$'9 )60&B$>@ )60&B12( )60&B$'>@ $'>@ ' ' )60&B1:$,7 :$,7&)* E:$,732/ E )60&B1:$,7 :$,7&)* E:$,732/ E WZ&/. WZ&/. 'DWDODWHQF\ %867851 WG&/./1([/ WG&/./1([+ WG&/./1$'9/ WG&/./$9 WG&/./1$'9+ WG&/./$,9 WG&/.+12(/ WG&/./12(+ WG&/./$'9 WG&/./$',9 WVX$'9&/.+ WK&/.+$'9 WVX$'9&/.+ WK&/.+$'9 WVX1:$,79&/.+ WK&/.+1:$,79 WVX1:$,79&/.+ WK&/.+1:$,79 WVX1:$,79&/.+ WK&/.+1:$,79 DLL ' |