| 전자부품 데이터시트 검색엔진 |
|
STM32F100RC 데이터시트(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100RC 데이터시트(HTML) 80 Page - STMicroelectronics |
|
80 / 98 page ![]() Electrical characteristics STM32F100xC, STM32F100xD, STM32F100xE 80/98 Doc ID 15081 Rev 7 Figure 32. SPI timing diagram - master mode 1. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. HDMI consumer electronics control (CEC) Refer to Section 5.3.13: I/O current injection characteristics for more details on the input/output alternate function characteristics. 5.3.18 12-bit ADC characteristics Unless otherwise specified, the parameters given in Table 51 are preliminary values derived from tests performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage conditions summarized in Table 9. Note: It is recommended to perform a calibration after each power-up. ai14136 CPHA= 0 MOSI OUTUT MISO INP UT CPHA= 0 MS BIN M SB OUT BI T6 IN LSB OUT LSB IN CPOL=0 CPOL=1 B I T1 OUT NSS input tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) th(MI) High CPHA=1 CPHA=1 CPOL=0 CPOL=1 tsu(MI) tv(MO) th(MO) |