전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSM303DLHTR 데이터시트(PDF) 45 Page - STMicroelectronics

부품명 LSM303DLHTR
상세설명  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR 데이터시트(HTML) 45 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 39Page - STMicroelectronics LSM303DLHTR Datasheet HTML 40Page - STMicroelectronics LSM303DLHTR Datasheet HTML 41Page - STMicroelectronics LSM303DLHTR Datasheet HTML 42Page - STMicroelectronics LSM303DLHTR Datasheet HTML 43Page - STMicroelectronics LSM303DLHTR Datasheet HTML 44Page - STMicroelectronics LSM303DLHTR Datasheet HTML 45Page - STMicroelectronics LSM303DLHTR Datasheet HTML 46Page - STMicroelectronics LSM303DLHTR Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
LSM303DLH
Package information
Doc ID 16941 Rev 1
45/47
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 6.
LGA-28: mechanical data and package dimensions
Dimensions
Ref.
mm
Min.
Typ.
Max.
A1
1
A2
0.785
A3
0.200
D1
4.850
5.000
5.150
E1
4.850
5.000
5.150
L1
1.650
L2
3.300
N1
0.550
M
0.040
0.100
0.160
T1
0.260
0.300
0.340
T2
0.360
0.400
0.440
d
0.200
k
0.050
h
0.100
LGA-28 (5x5x1)
Land Grid Array Packages
Outline and
8192208_B
mechanical data
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47