전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLBC01 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 STLBC01
상세설명  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 20Page - STMicroelectronics STLBC01 Datasheet HTML 21Page - STMicroelectronics STLBC01 Datasheet HTML 22Page - STMicroelectronics STLBC01 Datasheet HTML 23Page - STMicroelectronics STLBC01 Datasheet HTML 24Page - STMicroelectronics STLBC01 Datasheet HTML 25Page - STMicroelectronics STLBC01 Datasheet HTML 26Page - STMicroelectronics STLBC01 Datasheet HTML 27Page - STMicroelectronics STLBC01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Host controller interface (HCI)
STLBC01
24/40
DocID022984 Rev 2
Controller to host flow
When the controller needs to communicate with the host, the following flow is followed:
1.
Controller sets IRQ line to '1'. This means that the controller has at least 1 byte of data
to transmit.
2.
Host pulls down the MOSI signal.
3.
Host activates CSN after 100 ns.
4.
Host starts an SPI transaction by sending a data byte equal to 0x00.
5.
Host reads data sent by the controller on the MISO line.
6.
If IRQ is set to '0' during an SPI transaction, then the controller has no other data to
transmit. Once all bits of the transaction are read, the host can stop sending a clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40