전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLBC01 데이터시트(PDF) 37 Page - STMicroelectronics

부품명 STLBC01
상세설명  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 데이터시트(HTML) 37 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 32Page - STMicroelectronics STLBC01 Datasheet HTML 33Page - STMicroelectronics STLBC01 Datasheet HTML 34Page - STMicroelectronics STLBC01 Datasheet HTML 35Page - STMicroelectronics STLBC01 Datasheet HTML 36Page - STMicroelectronics STLBC01 Datasheet HTML 37Page - STMicroelectronics STLBC01 Datasheet HTML 38Page - STMicroelectronics STLBC01 Datasheet HTML 39Page - STMicroelectronics STLBC01 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID022984 Rev 2
37/40
STLBC01
Package mechanical data
12
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
®
packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK is an ST trademark.
Table 31. VFQFPN 5X5X0.9 24 leads mechanical dimensions
Dim.
mm.
Min.
Typ.
Max.
A
0.80
0.85
1.00
A1
0.00
0.02
0.05
A3
0.20
b
0.20
0.30
0.35
D5.00
E5.00
D2
3.2
3.70
E2
3.2
3.65
3.70
e0.65
L1
0.30
0.40
0.50
K0.20
F0°
14°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40