| 전자부품 데이터시트 검색엔진 |
|
MCP9808-E/MS 데이터시트(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9808-E/MS 데이터시트(HTML) 20 Page - Microchip Technology |
|
20 / 52 page ![]() MCP9808 DS25095A-page 20 © 2011 Microchip Technology Inc. FIGURE 5-2: Timing Diagram for Writing to the Configuration Register (see Section 4.0 “Serial Communication”). Writing to the CONFIG Register to Enable the Event Output Pin <0000 0000 0000 1000>b: SDA A C K 001 1 A 00 00 A C K S 2 A 1 A 0 12 3 4 5 6 7 8 12 34 5 6 7 8 SCL 0 Address Byte W MCP9808 MCP9808 MSB Data A C K A C K P 12 34 5 6 7 8 12 34 567 8 LSB Data Configuration Pointer MCP9808 MCP9808 00 1 00 0 0 0 00 0 0 0 0 0 1 00 0 Note: This is an example routine (see Appendix A: “Source Code”). i2c_start(); // send START command i2c_write(AddressByte & 0xFE); //WRITE Command (see Section 4.1.4 “Address Byte”) //also, make sure bit 0 is cleared ‘0’ i2c_write(0x01); // Write CONFIG Register i2c_write(0x00); // Write data i2c_write(0x08); // Write data i2c_stop(); // send STOP command |