전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP9808-E/MS 데이터시트(PDF) 37 Page - Microchip Technology

부품명 MCP9808-E/MS
상세설명  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808-E/MS 데이터시트(HTML) 37 Page - Microchip Technology

Back Button MCP9808-E/MS Datasheet HTML 33Page - Microchip Technology MCP9808-E/MS Datasheet HTML 34Page - Microchip Technology MCP9808-E/MS Datasheet HTML 35Page - Microchip Technology MCP9808-E/MS Datasheet HTML 36Page - Microchip Technology MCP9808-E/MS Datasheet HTML 37Page - Microchip Technology MCP9808-E/MS Datasheet HTML 38Page - Microchip Technology MCP9808-E/MS Datasheet HTML 39Page - Microchip Technology MCP9808-E/MS Datasheet HTML 40Page - Microchip Technology MCP9808-E/MS Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 37
MCP9808
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead DFN (2x3x0.9 mm)
Example
8-Lead MSOP (3x3 mm)
Example
9808E
141256
ALP
141
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52