| 전자부품 데이터시트 검색엔진 |
|
STM8AF6178 데이터시트(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6178 데이터시트(HTML) 97 Page - STMicroelectronics |
|
97 / 110 page ![]() STM8AF52/62xx, STM8AF51/61xx Package characteristics Doc ID 14395 Rev 9 97/110 Figure 51. VFQFPN 32-lead very thin fine pitch quad flat no-lead package (5 x 5) Table 56. VFQFPN 32-lead very thin fine pitch quad flat no-lead package mechanical data Dim. mm inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits Min Typ Max Min Typ Max A 0.800 0.900 1.000 0.0315 0.0354 0.0394 A1 0.000 0.020 0.050 0.000 0.0008 0.0020 A3 — 0.200 — — 0.0079 — b 0.180 0.250 0.300 0.0071 0.0098 0.0118 D 4.850 5.000 5.150 0.1909 0.1969 0.2028 D2 3.400 3.450 3.500 0.1339 0.1358 0.1378 E 4.850 5.000 5.150 0.1909 0.1969 0.2028 E2 3.400 3.450 3.500 0.1339 0.1358 0.1378 e — 0.500 — — 0.0197 — L 0.300 0.400 0.500 0.0118 0.0157 0.0197 ddd — — 0.080 — — 0.0031 Seating plane ddd C C A3 A1 A D e 9 16 17 24 32 Pin # 1 ID R = 0.30 8 E L L D2 1 b E2 42_ME Bottom view |