| 전자부품 데이터시트 검색엔진 |
|
STM8AF6178 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6178 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 110 page ![]() STM8AF52/62xx, STM8AF51/61xx Pinouts and pin description Doc ID 14395 Rev 9 29/110 6 Pinouts and pin description 6.1 Package pinouts Figure 3. LQFP 80-pin pinout 1. The CAN interface is only available on the STM8AF/H/P51xx and STM8AF52xx product lines. 2. (HS) stands for high sink capability. 2 1 3 4 5 6 7 8 10 9 12 14 16 18 20 11 15 13 17 19 57 58 56 55 54 53 52 51 49 50 47 45 43 41 48 44 46 42 60 59 PI3 PI2 PI1 PC4 (HS)/TIM1_CH4 PC3 (HS)/TIM1_CH3 PC2 (HS)/TIM1_CH2 PC1 (HS)/TIM1_CH1 PI0 PG4 PG3 PG2 PC7/SPI_MISO VSSIO_2 VDDIO_1 TIM2_CH3/PA3 USART_RX/PA4 USART_TX/PA5 AIN12/PF4 VSSIO_1 VSS VCAP VDD USART_CK/PA6 (HS) PH0 ( HS) PH1 PH2 PH3 AIN15/PF7 AIN14/PF6 AIN13/PF5 NRST OSCIN/PA1 OSCOUT/PA2 PC5/SPI_SCK PC6/SPI_MOSI PG0/CAN_TX(1) PG1/CAN_RX(1) PC0/ADC_ETR PE5/SPI_NSS VDDIO_2 |