| 전자부품 데이터시트 검색엔진 |
|
SCA6X0 데이터시트(PDF) 11 Page - VTI technologies |
|
|
|||||||||||||||||||||||||||||
SCA6X0 데이터시트(HTML) 11 Page - VTI technologies |
|
11 / 12 page ![]() Assembly Instructions for SCA6x0 and SCA10x0 series TN71 VTI Technologies Oy 11/12 www.vti.fi Rev.1.0 Remove the solder from the PCB using either a solder vacuum or solder braid making sure to clean the area of solder thoroughly. Figure 15. Soldering iron and solder braid used for solder removal. Note that the performance and the reliability of the reworked component may have decreased due to the rework operation! VTI does not recommend rework. 8 Environmental Aspects VTI Technologies respects environmental values and thus, its DIL packages are lead-free and RoHS compatible. VTI Technologies’ sensors should be soldered with lead-free solders in order to guarantee full RoHS compatibility. 9 References JEDEC / Electronic Industries Alliance, Inc. Moisture/ReflowSensitivity Classification for Non- Hermetic Solid State Surface Mount Devices (J-STD-020C). Handling, Packing, Shipping and Use of Moisture/Reflow Sensitive Surface Mount Devices (IPC/JEDEC J-STD-033). Figure 13. Tool head is carefully pressed around component and kept in this position for few seconds. Figure 14. Immediately after solder melting, component is this lifted. |