전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMR321GFVT-E2 데이터시트(PDF) 15 Page - Rohm

부품명 LMR321GFVT-E2
상세설명  Ground sense Low Power General Purpose Operational amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LMR321GFVT-E2 데이터시트(HTML) 15 Page - Rohm

Back Button LMR321GFVT-E2 Datasheet HTML 11Page - Rohm LMR321GFVT-E2 Datasheet HTML 12Page - Rohm LMR321GFVT-E2 Datasheet HTML 13Page - Rohm LMR321GFVT-E2 Datasheet HTML 14Page - Rohm LMR321GFVT-E2 Datasheet HTML 15Page - Rohm LMR321GFVT-E2 Datasheet HTML 16Page - Rohm LMR321GFVT-E2 Datasheet HTML 17Page - Rohm LMR321GFVT-E2 Datasheet HTML 18Page - Rohm LMR321GFVT-E2 Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
15/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
0.0
0.5
1.0
1.5
2.0
-50
-25
0
255075
100
AMBIENT TEMPERATURE [
℃]
0
10
20
30
40
50
60
1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY [Hz]
0
30
60
90
120
150
180
○LMR321
(*)The data above is measurement value of typical sample, it is not guaranteed.
Figure 22.
Slew Rate H-L – Ambient Temperature
Figure 23.
Voltage Gain・Phase – Frequency
Phase
Gain
5.5V
2.7V
5.0V
0.0001
0.001
0.01
0.1
1
0.01
0.1
1
10
OUTPUT VOLTAGE [Vrms]
Figure 24.
Total Harmonic Distortion-Output Voltage
(VDD/VSS=+2.5V/-2.5V, Av=0dB,
RL=2k
Ω, DIN-AUDIO, Ta=25℃)
20Hz
1kHz
20kHz
0
100
200
300
400
500
600
700
800
1
10
100
1000
10000
FREQUENCY [Hz]
Figure 25.
Input Referred Noise Voltage-Frequency
(VDD/VSS=+2.5V/-2.5V, Av=0dB, Ta=25℃)
10
2
10
3
10
4
10
5
10
6
10
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com